Part Number Hot Search : 
24C08 B140110 4DFT2 DA471 CM431 KA3843A GRM188R7 TDA3048
Product Description
Full Text Search
 

To Download MS-7865-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.make-ps.com
E-mail:info@make-ps.com
Single Output DC/DC Converter
FEATURES: * RoHS Compliant * 3 Pin SIP Package * Non-Isolated * Low ripple and noise * Operating temperature -40C to +85C * Very high efficiency up to 96% * Pin compatible to multiple manufacturers * Regulated Outputs
Series MS-78-NZ Up to 7.5Watt
Models Single output
Model
MS-783.3-NZ MS-785.0-NZ MS-786.5-NZ MS-789.0-NZ MS-7812-NZ MS-7815-NZ
Input Voltage (V)
4.75-28 6.5-32 8-32 11-32 15-32 18-32
Output Voltage (V)
3.3 5 6.5 9 12 15
Output Current max (mA)
500 500 500 500 500 500
Efficiency Vin Max (%) 90 93 94 95 95 96 Maximum
7 0.8
Efficiency Vin Min (%) 80 84 87 91 92 93 Units
VDC mA W
Input Specifications
Parameters
Voltage range Filter Quiescent current Short circuit consumption
Conditions
Vin=(LL-HL) at 0% load
Typical
See the table above Capacitor
Output Specifications
Parameters
Voltage accuracy Short Circuit protection Short circuit restart Output current limit Thermal shutdown Dynamic load stability Line voltage regulation Load voltage regulation Temperature coefficient Ripple & Noise Maximum capacitive load
Conditions
100% load
Typical
3 Continuous Auto recovery
Maximum
Units
%
2 Internal IC junction 10-100% load Vin=(LL-HL) at full load 10-100% load -40C to +85C ambient 20MHz Bandwidth 150 100 0.4 0.6 0.02 35 1000
A C mV % % %/oC mV p-p uF
o
General Specifications
Parameters Conditions Typical Maximum Units
Switching frequency 100% load 330 KHz o o Operating temperature With derating above 71 C -40 to +85 C o Storage temperature -55 to +125 C o Max Case temperature 100 C Cooling Free air convection Humidity 95 % Case material Non-conductive black plastic (UL94V-0 rated) Weight 2 g Dimensions (L x W x H) 0.45 x 0.30 x 0.40 inches 11.50 x 7.60 x 10.20 mm MTBF > 2 000 000 hrs (MIL-HDBK-217F, Ground Benign, t=+25 oC) o 300 Soldering Temperature 1.5 mm from case for 10 sec C NOTE: All specifications in this datasheet are measured at an ambient temperature of 25C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. 1 of 3
www.make-ps.com
E-mail:info@make-ps.com
Pin Out Specifications
Pin
1 2 3
Dimensions
11.50 (0.45)
PRINTED FACE
Single
+V Input Ground +V Output
9.70 (0.38)
7.55 (0.30)
Make-Ps
10.20 (0.40) 0.50 (0.02)
0.50 (0.02)
7.55 (0.30)
2.10 (0.08)
0.50 (0.02) Dimensions are in mm (inch) Pin Tolerance: 0.16 mm (0,004 inch) Case Tolerance: 0.25 mm (0.01 inch)
Derating
Output Power (%)
2 of 3
0.30 (0.01)
4.00 (0.16)
2.54 (0.1)
www.make-ps.com
E-mail:info@make-ps.com
Standard Application Circuit
Vin
1
C1 10F
MS - 78XX- NZ
3
C2 100F
Vout
2
GND
GND
C1: A low ESR capacitor is required to keep the noise of the converter to a minimum. Ceramic capacitors are recommended, but tantalum or electrolytic may be used. Typical value is 10F / 50V. C2: Installation of C2 is recommended but optional. Typical recommended value is 100F / 25V electrolytic. NOTE: This part is not designed for parallel operation
3 of 3


▲Up To Search▲   

 
Price & Availability of MS-7865-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X